Part Number Hot Search : 
AT91SAM9 ZXGD300 HT7024A 204C08 7260L10 TA78L08S IRFB20N5 T4401
Product Description
Full Text Search
 

To Download PC3SD12NTZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC3SD12NTZ Series
PC3SD12NTZ Series
VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering
Description
PC3SD12NTZ Series Phototriac Coupler include an infrared emitting diode (IRED) optically coupled to an output Phototriac. These devices feature full wave control and are ideal isolated drivers for medium to high current Triacs. DIP package provides 5.0kV isolation from input to output with superior commutative noise immunity.
Agency approvals/Compliance
1. Recognized by UL1577 (Double protection isolation), file No. E64380 (as model No. 3SD12) 2. Approved by CSA, file No. CA95323 (as model No. 3SD12) 3. Optionary available VDE Approved ()(DIN EN 607475-2), file No. 40008189 (as model No. 3SD12) 4. Package resin : UL flammability grade (94V-0)
()
Features
1. High repetitive peak off-state voltage (VDRM : 600V) 2. Non-zero crossing functionality 3. 6 pin DIP package 4. Superior noise immunity (dV/dt : MIN. 1 000V/s) 5. Lead-free components are also available (see Model Line-up section in this datasheet) 6. Double transfer mold construction (Ideal for Flow Soldering) 7. High isolation voltage between input and output (Viso(rms) : 5.0kV)
DIN EN60747-5-2 : successor standard of DIN VDE0884. Up to Date code "RD" (December 2003), approval of DIN VDE0884. From Date code "S1" (January 2004), approval of DIN EN60747-5-2. () Reinforced insulation type is also available. (PC3SF11YVZ Series)
Applications
1. Triggering for Triacs used to switch on and off devices which require AC Loads. For example heaters, fans, motors, solenoids, and valves. 2. Triggering for Triacs used for implementing phase control in applications such as lighting control and temperature control (HVAC). 3. AC line control in power supply applications.
Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
Sheet No.: D2-A07701EN Date Mar. 31. 2004 (c) SHARP Corporation
PC3SD12NTZ Series Internal Connection Diagram
1 2 3 6 5 4 1 2 3 4 5 6
Anode Cathode NC Anode/Cathode No external connection Cathode/Anode
Outline Dimensions
1. Through-Hole [ex. PC3SD12NTZ]
1.2 0.6
0.2 0.3
(Unit : mm) 2. Wide Through-Hole Lead-Form [ex. PC3SD12NVZ]
0.60.2 Model No.
6 5
1.20.3
4
SHARP mark "S" Anode mark
6
5
4
Rank mark
3SD12
6.50.5
SHARP mark "S" Anode mark
Model No. Rank mark
3SD12
6.50.5 Date code (2 digit)
1 2 3
1
2
3
Date code (2 digit) Factory identification mark
Factory identification mark 7.62 3.50.5
TYP.
0.3
7.12
0.5
7.62 0.5TYP. 3.50.5
0.3
7.120.5
2.90.5
2.90.5
Epoxy resin 3.250.5 0.50.1
2.7MIN.
0.5
Epoxy resin 3.250.5 2.54
0.25
: 0 to 13
2.54
0.25
10.16
0.5
0.26
0.1
0.50.1
Product mass : approx. 0.35g 3. SMT Gullwing Lead-Form [ex. PC3SD12NXP]
0.60.2
6 5
Product mass : approx. 0.35g 4. Wide SMT Gullwing Lead-Form [ex. PC3SD12NWP]
0.60.2 1.20.3
5 4
1.20.3
4
SHARP mark "S" Anode mark
Model No. Rank mark SHARP mark "S" Anode mark
6
Model No. Rank mark
3SD12
6.50.5
3SD12
6.50.5 Date code (2 digit)
1 2 3
Date code (2 digit)
1 2 3
Factory identification mark
7.120.5
Factory identification mark
7.620.3
7.120.5
0.260.1
3.50.5
0.350.25
3.50.5
0.260.1
2.540.25
2.540.25 1.0+0.4 -0 Epoxy resin 10.0+0 -0.5 1.0+0.4 -0
Epoxy resin
10.160.5 12.0
MAX.
0.750.25
Product mass : approx. 0.33g
Product mass : approx. 0.34g
Sheet No.: D2-A07701EN
2
0.250.25
7.620.3
0.750.25
PC3SD12NTZ Series Outline Dimensions
5. Through-Hole VDE option [ex. PC3SD12YTZAF]
1.20.3 0.6
0.2
(Unit : mm) 6. Wide Through-Hole Lead-Form VDE option [ex. PC3SD12YVZAF]
0.60.2 Model No.
6 5
1.20.3
4
SHARP mark "S" Anode mark
1
6
5
4
Rank mark
3SD12
SHARP mark "S" Anode mark
Model No. Rank mark
3SD12
4
2 3
6.50.5
4
1 2 3
Date code (2 digit) Factory identification mark 7.620.3 0.5TYP. 3.50.5
VDE identification mark
7.120.5
VDE identification mark
7.120.5
Factory identification mark 7.62 3.50.5
TYP.
0.3
2.90.5
6.50.5 Date code (2 digit) 2.7MIN. 0.5
Epoxy resin 0.50.1 3.250.5
2.90.5
3.250.5
2.540.25
Epoxy resin : 0 to 13 2.54
0.25
10.16
0.5
0.26
0.1
0.50.1
Product mass : approx. 0.35g 7. SMT Gullwing Lead-Form VDE option [ex. PC3SD12YXPAF]
0.60.2
6 5
Product mass : approx. 0.35g 8. Wide SMT Gullwing Lead-Form VDE option [ex. PC3SD12YWPAF]
0.60.2 1.20.3
5 4
1.20.3
4
SHARP mark "S" Anode mark
Model No. Rank mark
6
3SD12
6.50.5
SHARP mark "S" Anode mark
Model No. Rank mark
3SD12
4
1 2 3
4
Date code (2 digit)
1 2 3
Date code (2 digit)
7.120.5
3.50.5
VDE identification mark
Factory identification mark 7.620.3 0.260.1 3.50.5 0.350.25
VDE identification mark
7.120.5
Factory identification mark
7.620.3 0.250.25 0.260.1
6.50.5
2.540.25
1.0+0.4 -0
Epoxy resin 10.0+0 -0.5
1.0+0.4 -0
2.540.25
Epoxy resin
10.160.5 12.0MAX.
0.750.25
0.750.25
Product mass : approx. 0.33g Pin
5
Product mass : approx. 0.34g
is not allowed external connection
Sheet No.: D2-A07701EN
3
PC3SD12NTZ Series Date code (2 digit)
1st digit Year of production A.D Mark 2002 A 2003 B 2004 C 2005 D 2006 E 2007 F 2008 H 2009 J 2010 K 2011 L 2012 M * * N * 2nd digit Month of production Month Mark January 1 February 2 March 3 April 4 May 5 June 6 July 7 August 8 September 9 October O November N December D
A.D. 1990 1991 1992 1993 1994 1995 1996 1997 1998 1999 2000 2001
Mark P R S T U V W X A B C * * *
repeats in a 20 year cycle
Factory identification mark
Factory identification Mark no mark Japan Indonesia Philippines China
* This factory marking is for identification purpose only. Please contact the local SHARP sales representative to see the actural status of the production.
Country of origin
Rank mark
Refer to the Model Line-up table
Sheet No.: D2-A07701EN
4
PC3SD12NTZ Series
Absolute Maximum Ratings
Parameter Symbol Rating IF 50 Forward current Input VR 6 Reverse voltage IT(rms) 0.1 RMS ON-state current *3 Output Peak one cycle surge current 1.2 Isurge 600 Repetitive peak OFF-state voltage VDRM *1 5.0 Viso(rms) Isolation voltage -30 to +100 Topr Operating temperature -55 to +125 Tstg Storage temperature *2 270 *4 Tsol Soldering temperature
*1 40 to 60%RH, AC for 1minute, f=60Hz *2 For 10s *3 f=50Hz sine wave *4 Lead solder plating models: 260C
(Ta=25C) Unit mA V A A V kV C C C
Soldering area
Electro-optical Characteristics
Parameter Forward voltage Input Reverse current Repentitive peak OFF-state current ON-state voltage Output Holding current Critical rate of rise of OFF-state voltage Rank A Transfer Minimum trigger current charac- Isolation resistance teristics Turn-on time Symbol VF IR IDRM VT IH dV/dt IFT RISO ton Conditions IF=20mA VR=3V VD=VDRM IT=0.1A VD=6V - VD=1/2 *VDRM VD=6V, RL=100 DC500V,40 to 60%RH VD=6V, RL=100, IF=20mA MIN. TYP. 1.2 - - - - - - - - 0.1 1 000 2 000 - - 5x1010 1011 - -
1mm
(Ta=25C) MAX. 1.4 10 1 2.5 3.5 - 10 - 50 Unit V A A V mA V/s mA s
Sheet No.: D2-A07701EN
5
PC3SD12NTZ Series
Model Line-up (1) (Lead-free components)
Lead Form Shipping Package Through-Hole SMT Gullwing Sleeve 50pcs/sleeve Wide Through-Hole Rank mark IFT[mA] (VD=6V, RL=100) MAX.10
DIN Approved Approved Approved EN60747-5-2 Model No. PC3SD12NTZAF PC3SD12YTZAF PC3SD12NXZAF PC3SD12YXZAF PC3SD12NVZAF PC3SD12YVZAF Lead Form Shipping Package Wide SMT Gullwing Sleeve 50pcs/sleeve SMT Gullwing Wide SMT Gullwing Taping 1 000pcs/reel
A
Rank mark
DIN Approved Approved Approved EN60747-5-2 Model No. PC3SD12NWZAF PC3SD12YWZAF PC3SD12NXPAF PC3SD12YXPAF PC3SD12NWPAF PC3SD12YWPAF
IFT[mA] (VD=6V, RL=100) MAX.10
A
Model Line-up (2) (Lead solder plating components)
Lead Form Shipping Package DIN EN60747-5-2 Model No. PC3SD12NTZA Lead Form Shipping Package Approved Through-Hole SMT Gullwing Sleeve 50pcs/sleeve PC3SD12NXZA Approved Wide Through-Hole Rank mark PC3SD12NVZA Approved A MAX.10 IFT[mA] (VD=6V, RL=100)
Wide SMT Gullwing Sleeve 50pcs/sleeve Approved -
SMT Gullwing
Wide SMT Gullwing Taping 1 000pcs/reel PC3SD12NWPA Approved -
Rank mark
DIN EN60747-5-2 Model No. PC3SD12NWZA
IFT[mA] (VD=6V, RL=100) MAX.10
PC3SD12NXPA
Approved -
A
Please contact a local SHARP sales representative to inquire about production status.
Sheet No.: D2-A07701EN
6
PC3SD12NTZ Series Fig.1 Forward Current vs. Ambient Temperature
70 RMS ON-state current IT (rms) (mA) 60 Forward current IF (mA) 50 40 30 20 10 0 -30 0 50 100 Ambient temperature Ta (C)
Fig.2 RMS ON-state Current vs. Ambient Temperature
175 150 125 100 75 50 25 0 -30 0 50 100 Ambient temperature Ta (C)
Fig.3 Forward Current vs. Forward Voltage
Fig.4 Minimum Trigger Current vs. Ambient Temperature
10 9 Minimum trigger current IFT (mA) VD=6V RL=100
100 Forward current IF (mA) 50 Ta=100C 75C 50C 25C 0C -30C 5
8 7 6 5 4 3 2 1
10
1 0 0.5 1 1.5 2 2.5 3 Forward voltage VF (V)
0 -40
-20
0
20
40
60
80
100
Ambient temperature Ta (C)
Fig.5 Relative Repetitive Peak OFF-state Voltage vs. Ambient Temperature
1.3 Relative repetitive peak OFF-state voltage VDRM (Tj=Ta) / VDRM (Tj=25C) 1.2
Fig.6 ON-state Voltage vs. Ambient Temperature
2 1.9 1.8 ON-state voltage VT (V) 1.7 1.6 1.5 1.4 1.3 1.2 IT=100mA
1.1
1 0.9 0.8
1.1 0.7 -40 -20 0 20 40 60 80 100 1 -40 -20 0 20 40 60 80 100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Sheet No.: D2-A07701EN
7
PC3SD12NTZ Series Fig.7 Holding Current vs. Ambient Temperature
10 VD=6V Repetitive peak OFF-state current IDRM (A)
Fig.8 Repetitive Peak OFF-state Current vs. Ambient Temperature
10-6 VD=600V
Holding current IH (mA)
10-7
1
10-8
10-9
0.1 -40
-20
0
20
40
60
80
100
10-10 -40
-20
0
20
40
60
80
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig.9 Turn-on Time vs. Forward Current
1 000 VD=6V RL=100 Ta=25C
Turn-on time ton (s)
100
10 1 10 Forward current IF (mA) 100
Remarks : Please be aware that all data in the graph are just for reference.
Sheet No.: D2-A07701EN
8
PC3SD12NTZ Series Design Considerations Design guide
In order for the Phototriac to turn off, the triggering current (IF) must be 0.1mA or less. Please refrain from using these devices in a direct drive configuration. These Phototriac Coupler are intended to be used as triggering device for main Triacs. Please ensure that the output rating of these devices will be sufficient for triggering the main output Triac of your choice. Failure to do may result in malfunctions. In phase control applications or where the Phototriac Coupler is being by a pulse signal, please ensure that the pulse width is a minimum of 1ms. For designs that will experience excessive noise or sudden changes in load voltage, please include an appropriate snubber circuit as shown in the below circuit. Please keep in mind that Sharp Phototriac Couplers incorporate superor dV/dt ratings which can often eliminate the need for a snubber circuit.
Degradation
In general, the emission of the IRED used in Phototriac Couplers will degrade over time. In the case where long term operation and / or constant extreme temperature fluctuations will be applied to the devices, please allow for a worst case scenario of 50% degradation over 5years. Therefore in order to maintain proper operation, a design implementing these Phototriac Couplers should provide at least twice the minimum required triggering current from initial operation.
Recommended Foot Print (reference) SMT Gullwing Lead-form
8.2
Wide SMT Gullwing Lead-form
10.2
2.54
2.54
2.54
2.54
1.7
2.2
2.2
1.7
(Unit : mm)
Sheet No.: D2-A07701EN
9
PC3SD12NTZ Series Standard Circuit (Medium/High Power Triac Drive Circuit)
PC3SD12NTZ
1 6
Load Triac AC Line
5 2 3 4
Note) Please add the snubber circuit according to a condition. Any snubber or varistor used for the above mentioned scenarios should be located as close to the main output triac as possible.
For additional design assistance, please review our corresponding Optoelectronic Application Notes.
Sheet No.: D2-A07701EN
10
PC3SD12NTZ Series
Manufacturing Guidelines Soldering Method Reflow Soldering:
Reflow soldering should follow the temperature profile shown below. Soldering should not exceed the curve of temperature profile and time. Please don't solder more than twice.
(C) 300
Terminal : 260C peak ( package surface : 250C peak)
200
Reflow 220C or more, 60s or less 100 Preheat 150 to 180C, 120s or less
0
0
1
2
3
4
(min)
Flow Soldering :
Due to SHARP's double transfer mold construction submersion in flow solder bath is allowed under the below listed guidelines. Flow soldering should be completed below 270C and within 10s. Preheating is within the bounds of 100 to 150C and 30 to 80s. Please don't solder more than twice.
Hand soldering
Hand soldering should be completed within 3s when the point of solder iron is below 400C. Please don't solder more than twice.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact on the junction between the device and PCB varies depending on the tooling and soldering conditions.
Sheet No.: D2-A07701EN
11
PC3SD12NTZ Series Cleaning instructions Solvent cleaning :
Solvent temperature should be 45C or below. Immersion time should be 3minutes or less.
Ultrasonic cleaning :
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time, size of PCB and mounting method of the device. Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of mass production.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol. In case the other type of solvent materials are intended to be used, please make sure they work fine in actual using conditions since some materials may erode the packaging resin.
Presence of ODC
This product shall not contain the following materials. And they are not used in the production process for this device. Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform) Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
Sheet No.: D2-A07701EN
12
PC3SD12NTZ Series Package specification Sleeve package 1. Through-Hole or SMT Gullwing Package materials
Sleeve : HIPS (with anti-static material) Stopper : Styrene-Elastomer
Package method
MAX. 50pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless stoppers. The product shall be arranged in the sleeve with its anode mark on the tabless stopper side. MAX. 20 sleeves in one case.
Sleeve outline dimensions
12.0
520
2
6.7
5.8
10.8
(Unit : mm)
2. Wide Through-Hole or Wide SMT Gullwing Package materials
Sleeve : HIPS (with anti-static material) Stopper : Styrene-Elastomer
Package method
MAX. 50pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless stoppers. The product shall be arranged in the sleeve with its anode mark on the tabless stopper side. MAX. 20 sleeves in one case.
Sleeve outline dimensions
15.0
6.35
5.9
10.8
520
2
(Unit : mm)
Sheet No.: D2-A07701EN
13
PC3SD12NTZ Series Tape and Reel package 1. SMT Gullwing Package materials
Carrier tape : A-PET (with anti-static material) Cover tape : PET (three layer system) Reel : PS
Carrier tape structure and Dimensions
F E C D G I J
B H A K H
Dimensions List A B 0.3 16.0 7.50.1 H I 0.1 10.4 0.40.05
5
X. MA
C 1.750.1 J 4.20.1
D 12.00.1 K 7.80.1
E 2.00.1
F 4.00.1
(Unit:mm) G +0.1 1.5-0
Reel structure and Dimensions
e g c d
Dimensions List a b
f a b
330 e 231.0
17.51.5 f 2.00.5
(Unit : mm) c d 1.0 100 130.5 g 2.00.5
Direction of product insertion
Pull-out direction
[Packing : 1 000pcs/reel]
Sheet No.: D2-A07701EN
14
PC3SD12NTZ Series 2. Wide SMT Gullwing Package materials
Carrier tape : A-PET (with anti-static material) Cover tape : PET (three layer system) Reel : PS
Carrier tape structure and Dimensions
F E D G C I J
B A H
Dimensions List A B 24.00.3 11.50.1 H I 0.1 12.2 0.40.05
C 1.750.1 J 4.150.1
D 12.00.1 K 7.60.1
E 2.00.1
(Unit : mm) F G +0.1 4.00.1 1.5-0
Reel structure and Dimensions
e g c d
Dimensions List a b 330 e 231.0 25.51.5 f 2.00.5
5
K
MA
X.
H
a
f b
(Unit : mm) c d 1.0 100 130.5 g 2.00.5
Direction of product insertion
Pull-out direction
[Packing : 1 000pcs/reel]
Sheet No.: D2-A07701EN
15
PC3SD12NTZ Series Important Notices
* The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. * Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. * Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment [terminal] --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: --- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii) SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment [trunk lines] --- Nuclear power control equipment --- Medical and other life support equipment (e.g., scuba). * If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Law of Japan, it is necessary to obtain approval to export such SHARP devices. * This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. * Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
Sheet No.: D2-A07701EN
16


▲Up To Search▲   

 
Price & Availability of PC3SD12NTZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X